|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MKP 1846 Not for new designs Vishay Roederstein Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16 Dimensions in millimeters L Max. W Max. Marking FEATURES Product is completely lead (Pb)-free Product is RoHS-compliant OPERATING TEMPERATURE RANGE H Max. 0.6 - 55C to + 100C e3 RoHS COMPLIANT CAPACITANCE RANGE 1000pF to 0.68F 0.4 6.0 - 1 CAPACITANCE TOLERANCES 20% (M), 10% (K), 5% (J) pcm 0.4 Od RATED VOLTAGES (UR): 630 VDC, 1000 VDC, 1600 VDC, 2000 VDC PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz W < 16.0 16.0 Od 0.8 1.0 400 VAC, 600 VAC, 650 VAC, 700 VAC TEST VOLTAGE (ELECTRODE/ELECTRODE) 1.6 x UR for 2 s MAIN APPLICATIONS High voltage, high current and high pulse operations, deflection circuits in TV sets (S-correction and fly-back tuning). Protection circuits in SMPS's. Snubber and electronic ballast circuits. Input and output filtering in SPS designs, storage, timing and integrating circuits. INSULATION RESISTANCE Measured at 100 VDC after one minute For C 0.33F: 100,000 M minimum value TIME CONSTANT MARKING Manufacturer's logo/type/C-value/rated voltage/tolerance/ date of manufacture Measured at 100 VDC after one minute For C > 0.33F: 30,000 s minimum value TEMPERATURE COEFFICIENT - 250 x 10-6/C (typical value) DIELECTRIC Polypropylene film CAPACITANCE DRIFT Up to + 40C, 0.5% for a period of two years ELECTRODES Vacuum deposited aluminum DERATING FOR DC AND AC.CATEGORY VOLTAGE UC At + 85C: UC = 1.0 UR At + 100C: UC = 0.7 UR COATING Flame retardant plastic case (UL-class 94 V-0), blue, epoxy resin sealed SELF INDUCTANCE ~ 6 nH measured with 2mm long leads CONSTRUCTION Extended double-sided metallized polyester film, internal series connection, single-sided metallized polypropylene film (refer to general information) PULL TEST ON LEADS RELIABILITY 30 N in direction of leads according to IEC 60068-2-21 Operational life > 300,000 h Failure rate < 5 FIT (40C and 0.5 x UR) For further details, please refer to the general information available at www.vishay.com/doc?26033. LEADS Tinned wire IEC TEST CLASSIFICATION 55/100/56, according to IEC 60068 MAXIMUM PULSE RISE TIME 630 VDC 1000 VDC 1600 VDC 15 3430 6600 11100 22.5 2120 2800 3800 27.5 1524 2000 2680 37.5 980 1280 1690 If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted. Document Number: 26020 Revision: 23-Jun-05 For technical questions contact; dc-film@vishay.com PCM (mm) Maximum Pulse Rise Time dv/dt [V/s] 2000 VDC -- 6200 4200 2600 www.vishay.com 1 MKP 1846 Vishay Roederstein DISSIPATION FACTOR TAN MEASURED AT 1kHz 10kHz 100kHz C 0.1F 0.3 x 10-3 0.4 x 10-3 1.5 x 10-3 Maximum values 0.1F < C 1.0F 0.3 x 10-3 0.4 x 10-3 -- Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16 CAPACITANCE CAPACITANCE CODE W VOLTAGE CODE 63 630 VDC/400 VAC H -- -- -- -- -- 10.5 10.5 12.5 13.5 14.5 15.5 16.5 18.5 20.5 23.5 24.5 24.5 32.5 L -- -- -- -- -- 18.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 31.5 31.5 31.5 41.5 41.5 PCM -- -- -- -- -- 15 15 15 15 15 22.5 22.5 22.5 27.5 27.5 27.5 37.5 37.5 W VOLTAGE CODE 10 1000 VDC/600 VAC H -- -- -- 10.5 10.5 12.5 14.5 14.5 14.5 15.5 18.5 21.0 20.5 23.5 29.5 -- -- -- L -- -- -- 18.0 18.0 18.0 26.5 26.5 26.5 26.5 26.5 26.5 31.5 31.5 31.5 -- -- -- PCM -- -- -- 15 15 15 22.5 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 -- -- -- W VOLTAGE CODE 13 1600 VDC/650 VAC H 10.5 10.5 10.5 12.5 13.5 14.5 14.5 15.5 16.5 18.5 20.5 20.5 24.5 24.5 28.5 -- -- -- L 18.0 18.0 18.0 18.0 18.0 18.0 26.5 26.5 26.5 26.5 31.5 31.5 31.5 41.5 41.5 -- -- -- PCM 15 15 15 15 15 15 22.5 22.5 22.5 22.5 27.5 27.5 27.5 37.5 37.5 -- -- -- W VOLTAGE CODE 20 2000 VDC/700 VAC H 14.5 14.5 14.5 14.5 14.5 15.5 16.5 18.5 20.5 23.5 24.5 29.5 28.5 -- -- -- -- -- L 26.5 26.5 26.5 26.5 26.5 26.5 26.5 26.5 31.5 31.5 31.5 31.5 41.5 -- -- -- -- -- PCM 22.5 22.5 22.5 22.5 22.5 22.5 22.5 22.5 27.5 27.5 27.5 27.5 37.5 -- -- -- -- -- 1000pF 1500pF 2200pF 3300pF 4700pF 6800pF 0.01F 0.015F 0.022F 0.033F 0.047F 0.068F 0.1F 0.15F 0.22F 0.33F 0.47F 0.68F - 210 - 215 - 222 - 233 - 247 - 268 - 310 - 315 - 322 - 333 - 347 - 368 - 410 - 415 - 422 - 433 - 447 - 468 -- -- -- -- -- 5.5 5.5 6.5 7.5 8.5 7.5 8.5 10.5 11.5 13.5 15.0 14.5 18.0 -- -- -- 5.5 5.5 6.5 6.5 6.5 6.5 7.5 10.5 11.0 11.5 13.5 16.5 -- -- -- 5.5 5.5 5.5 6.5 7.5 8.5 6.5 7.5 8.5 10.5 11.5 11.5 15.0 14.5 16.0 -- -- -- 6.5 6.5 6.5 6.5 6.5 7.5 8.5 10.5 11.5 13.5 15.0 16.5 16.0 -- -- -- -- -- Further C-values upon request. RECOMMENDED PACKAGING LETTER CODE D G F W V G -- TYPE OF PACKAGING AMMO AMMO REEL REEL REEL AMMO BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 18.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 500 L* -- ORDERING CODE EXAMPLES MKP 1846-310/635-D MKP 1846-310/635-G MKP 1846-310/635-F MKP 1846-310/635-W MKP 1846-410/105-V MKP 1846-410/105-G MKP 1846-422-135 PCM 15 X X X X X -- X PCM 22.5 - 27.5 -- -- -- -- X X X PCM 37.5 -- -- -- -- -- -- X *S = box size 55 x 210 x 340mm (W x H x L) *L = box size 60 x 360 x 510mm (W x H x L) www.vishay.com 2 For technical questions contact; dc-film@vishay.com Document Number: 26020 Revision: 23-Jun-05 MKP 1846 Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16 Vishay Roederstein 1000 7 5 3 2 100 7 5 3 2 630 VDC 10 10 3 2 3 5 7 10 4 2 3 Capacitance in pF and F 68 00 0. 01 5 0. 1000 7 5 3 2 0. VRMS VRMS Capacitance in pF and F 33 00 47 22 0. 1 00 0. 0. 04 01 22 03 0. 68 3 0. 0. 8 33 0. 06 15 100 7 5 3 2 1000 VDC 10 10 3 7 0.0 5 7 10 5 2 3 5 7 10 6 f [Hz] 2 3 5 7 10 4 2 3 5 7 10 5 2 3 5 7 10 6 f [Hz] Permissible AC Voltage versus Frequency Permissible AC Voltage versus Frequency VRMS VRMS 1000 7 5 3 2 100 7 5 3 2 1600 VDC 10 10 3 10 00 22 00 47 02 2 00 0. 01 1000 7 5 3 2 100 7 5 3 2 1600 VDC 0. 10 00 22 00 0. 22 0. 1 0. 04 7 0. 10 .0 47 00 47 0 .0 22 0 .0 1 Capacitance in pF and F 5 7 10 4 Capacitance in pF and F 5 7 10 4 2 3 5 7 10 5 2 3 5 7 10 6 f [Hz] 2 3 2 3 5 7 10 5 2 3 5 7 10 f [Hz] 6 10 10 3 2 3 Permissible AC Voltage versus Frequency Permissible AC Voltage versus Frequency Document Number: 26020 Revision: 23-Jun-05 For technical questions contact; dc-film@vishay.com www.vishay.com 3 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of MKP184605 |